high-frequency amplifier z z z absolute maximum ratings (ta=25 o c) parameter symbol v cbo v ceo v ebo i c p c t t stg limits 2 0 1 1 3 50 0.15 150 - 55~+150 unit v v v ma w o c o c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature electrical characteristics (ta=25 o c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo h fe f t cob rbb' cc nf 2 0 1 1 3 56 1.4 3.2 0. 8 0.5 0.5 120 1.5 v v v u a u a g hz pf i c = 10 a i c = 1ma i e = 10 a v cb = 10v v eb = 2v v ce(sat) 0.5 v i c /i b = 1 0ma/ 5 ma v ce /i c = 10v/ 5 ma v cb = 10v , i c = 10ma , f = 5 00mhz v cb = 10v , i e = 0a , f = 1mhz v cb = 10v , i c = 10ma , f = 31.8mhz v ce = 6 v , i c = 2ma , f = 5 00mhz , rg = 50 ? 3 .5 db collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio transition frequency output capacitance collector-emitter saturation voltage collector-base time constant noise factor driver marking j 1 3 2 2 emitter 3 collector 1 base sc-70/sot-323 transistor ps 4 12 l2sc4083nwt1g l2sc4083nwt1g=4n device marking shipping 3000/tape&reel l2sc4083nwt1g 4n 10000/tape&reel l2sc4083nwt1g 4n ordering information leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. rev.o 1/2
sc - 70 / sot - 323 l2sc4083nwt1g leshan radio company, ltd. a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028 mm inches scale 10:1 xx m xx = specific device code m = date code = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 2/2
|